Part Number Hot Search : 
RH108A TP0702 N3856 SM200 Y7C256 74023 124E238 ISL59111
Product Description
Full Text Search
 

To Download 2SA1018 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistor
2SA1018
Silicon PNP epitaxial planer type
For general amplification Complementary to 2SC1473
5.00.2
Unit: mm
4.00.2
q
High collector to emitter voltage VCEO.
s Absolute Maximum Ratings
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Collector power dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO ICP IC PC Tj Tstg
(Ta=25C)
Ratings -250 -200 -5 -100 -70 750 150 -55 ~ +150 Unit V V V mA mA mW C C
13.50.5
5.10.2
s Features
0.45 -0.1 1.27
+0.2
0.45 -0.1
1.27
+0.2
123
2.30.2
2.540.15
1:Emitter 2:Collector 3:Base JEDEC:TO-92 EIAJ:SC-43A
s Electrical Characteristics
Parameter Collector cutoff current Collector to emitter voltage Emitter to base voltage Forward current transfer ratio Collector to emitter saturation voltage Transition frequency Collector output capacitance
(Ta=25C)
Symbol ICEO VCEO VEBO hFE fT Cob
*
Conditions VCE = -120V, IB = 0, Ta = 60C IC = -100A, IB = 0 IE = -1A, IC = 0 VCE = -10V, IC = -5mA IC = -50mA, IB = -5mA VCB = -10V, IE = 10mA, f = 200MHz VCB = -10V, IE = 0, f= 1MHz
min
typ
max -1
Unit A V V
-200 -5 60 220 -1.5 50 10
VCE(sat)
V MHz pF
*h
FE
Rank classification
Q 60 ~ 150 R 100 ~ 220 hFE
Rank
1
Transistor
PC -- Ta
1000 -100 Ta=25C 900 -90 IB=-1.0mA -100 25C Ta=75C -80
2SA1018
IC -- VCE
-120 VCE=-10V
IC -- VBE
Collector power dissipation PC (mW)
Collector current IC (mA)
- 0.9mA -70 -60 -50 -40 -30 - 0.3mA -20 - 0.2mA -10 0 - 0.1mA - 0.8mA - 0.7mA - 0.6mA - 0.5mA - 0.4mA
700 600 500 400 300 200 100 0 0 20 40 60 80 100 120 140 160
Collector current IC (mA)
800
-80
-25C
-60
-40
-20
0 0 -2 -4 -6 -8 -10 -12 0 - 0.4 - 0.8 -1.2 -1.6 -2.0
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Base to emitter voltage VBE (V)
VCE(sat) -- IC
Collector to emitter saturation voltage VCE(sat) (V)
-100 -30 -10 -3 -1 25C Ta=75C -25C IC/IB=10 300
hFE -- IC
120 VCE=-10V
fT -- IE
VCB=-10V Ta=25C
Forward current transfer ratio hFE
250
Transition frequency fT (MHz)
-10 -30 -100
100
200 Ta=75C 150 25C 100 -25C
80
60
- 0.3 - 0.1 - 0.03 - 0.01 - 0.1 - 0.3
40
50
20
-1
-3
-10
-30
-100
0 - 0.1 - 0.3
-1
-3
0 0.1
0.3
1
3
10
30
100
Collector current IC (mA)
Collector current IC (mA)
Emitter current IE (mA)
Cob -- VCB
20 10000 IE=0 f=1MHz Ta=25C 3000 1000
ICEO -- Ta
VCE=-120V
Collector output capacitance Cob (pF)
18 16
ICEO (Ta) ICEO (Ta=25C)
-3 -10 -30 -100
14 12 10 8 6
300 100 30 10
4 2 0 -1 3 1 0 40 80 120 160 200 240
Collector to base voltage VCB (V)
Ambient temperature Ta (C)
2


▲Up To Search▲   

 
Price & Availability of 2SA1018

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X